Part Number Hot Search : 
RM732LC4 AVR1010 D1N4148 EDZ20B FZT853TA 2SK3892 1206L150 CX373T
Product Description
Full Text Search
 

To Download MBRX05100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MBRX0520 THRU MBRX05100
0.5 Amp Schottky Rectifier 20 to 100 Volts
Features
l l l l l
High Current Capability Extremely Low Thermal Resistance For Surface Mount Application Higher Temp Soldering: 250 C for 10 Seconds At Terminals Low Forward Voltage
o
Maximum Ratings
l l l
Operating Temperature: -55 C to +125 C Storage Temperature: -55 C to +150 C Maximum Thermal Resistance: 5 C/W Junction to Lead Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 60V 80V 100V
H C
o o o
o
o
SOD323
A B
E
Catalog Number MBRX0520 MBRX0530 MBRX0540 MBRX0560 MBRX0580 MBRX05100
Device Marking -------------------------------
D
G
J
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBRX0520 MBRX0530 MBRX0540 MBRX0560 MBRX0580-05100 Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance IF(AV) IFSM 0.5A 20A T J =90 o C 8.3ms half sine
DIM A B C D E G H J
VF
0.45V 0.55V 0.55V 0.70V 0.80V 0.3mA
DIMENSIONS INCHES MM MIN MAX MIN MAX .090 .107 2.30 2.70 .063 .071 1.60 1.80 .045 .053 1.15 1.35 .031 .045 0.80 1.15 .010 .016 0.25 0.40 .004 .018 0.10 0.45 .004 .010 0.10 0.25 ----.006 ----0.15
NOTE
IFM =0.5A T J =25 o C
SUGGESTED SOLDER PAD LAYOUT
0.074"
IR
T A =25 C
0.027"
o
CJ
30pF
Measured at 1.0MHz, V R=4.0V
0.022"
www.cnelectr.com
MBRX0520 thru MBRX05100
Figure 1 Typical Forward Characteristics 20 10 6 4 2 MBR0520 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2
MBR0530
MBR0540
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts
Figure 2 Junction Capacitance
100 60 40 20 pF TJ=25C 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
www.cnelectr.com
MBRX0520 thru MBRX05100
Figure 3 Forward Derating Curve 1.2 Figure 4 Peak Forward Surge Current 1.0 60 50 40 .6 Amps .4 Amps 30 20 10 5 0 150 175
.8
.2 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125
1
2
4
6
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBRX05100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X